|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RF AMPLIFIER MODEL QBH-117 Features ! ! ! ! High Gain: 16.5 dB Typical High Power: +4.5 dBm Typical Operating Temp. - 55 C to +85 C Environmental Screening Available Available as: QBH-117, 4 Pin TO-8 (T4) QBH-9-117, Connectorized Housing (ES E52-1501) Maximum Ratings Ambient Operating Temperature ................ -55C to +125 C Storage Temperature ............................... -65C to + 150 C Case Temperature ................................................. + 125 C DC Voltage ...................................................... + 20.0 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.) Note: 1. Specifications are guaranteed when tested in a 50 Ohm system. Specifications indicated as typical are not guaranteed. Specifications CHARACTERISTIC TYPICAL MIN/MAX Frequency Gain (dB) Gain vs. Temperature Gain Flatness Reverse Isolation (dB) VSWR In Out 1 dB Compression (dBm) Output Intercept point 3rd Order 2nd Order Noise Figure (dB) Power Vdc mA Ta= 25 C 5 - 100 MHz 16.5 0.5 0.4 -35 1.5:1 1.5:1 +4.5 +17 +24 1.5 +15 11 Ta = -55 C to +85 C 5 - 100 MHz +0.7/-0.7 Max. 0.8 Max. -34 Min. 1.5:1 Max. 1.5:1 Max. +3 +16 +22 1.8 +15 11 Min. Min. Min. Max. Max. Typical Performance Data 17 16 15 14 13 10 7 6 5 4 3 10 MHz 100 1000 MHz 100 1000 1.8 1.6 1.4 1.2 1.0 10 MHz 100 Input 1000 Gain (dB) -10 -20 -30 -40 -50 -60 -70 10 Reverse Isolation (dB) 1.8 1.6 1.4 1.2 Noise Figure (dB) MHz 100 1000 1.0 10 MHz 100 1000 1 dB Comp. (dBm) Input/Output VSWR +25 C Output 20 18 3rd order intermodulation distortion (dBm) 16 14 12 10 MHz 100 1000 Legend + 25 C + 85 C - - - - - - -55 C Linear S-Parameters Data FREQ. MHz - - S11- - dB Ang - - S21- - dB Ang - - S12- - dB Ang - - S22- - dB Ang ================================================================== 28.2 45.7 -20.6 -28.5 16.4 -179.0 -33.9 -46.6 5 8.0 -28.0 33.1 -22.3 16.4 -28.7 -178.4 -45.7 8 -0.9 -27.7 26.1 -22.8 16.4 -24.5 177.1 -46.0 10 -30.7 -26.5 25.1 -23.0 16.4 -15.1 171.7 -45.3 20 -64.1 -23.8 28.5 -22.2 16.4 -17.1 162.1 -44.1 40 -85.9 -21.3 28.6 -21.8 16.5 -26.1 152.5 -42.6 60 -94.3 -20.2 28.5 -21.8 16.5 -30.9 147.7 -41.6 70 -18.3 -109.5 28.7 -21.8 16.4 -42.7 138.1 -39.9 90 -17.4 -116.0 24.7 -22.0 16.4 -49.3 133.3 -39.1 100 Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 03/11/05 www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001 |
Price & Availability of QBH-117 |